Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7262 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button AS7262 Datasheet HTML 27Page - OSRAM GmbH AS7262 Datasheet HTML 28Page - OSRAM GmbH AS7262 Datasheet HTML 29Page - OSRAM GmbH AS7262 Datasheet HTML 30Page - OSRAM GmbH AS7262 Datasheet HTML 31Page - OSRAM GmbH AS7262 Datasheet HTML 32Page - OSRAM GmbH AS7262 Datasheet HTML 33Page - OSRAM GmbH AS7262 Datasheet HTML 34Page - OSRAM GmbH AS7262 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Page 30
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7262 − Detailed Description
UART Interface
If selected by the I²C_ENB pin setting, the UART module
implements the TX and RX signals as defined in the RS-232 /
V.24 standard communication protocol.
It has on both, receive and transmit path, a 16 entry deep FIFO.
It can generate interrupts as required.
UART Feature List1
• Full Duplex Operation (Independent Serial Receive and
Transmit Registers) with FIFO buffer of 8 byte for each.
• At a clock rate of 16MHz it supports communication at
115200 Baud.
• Supports Serial Frames with 8 Data Bits, no Parity and 1
Stop Bit.
Theory of Operation
Transmission
If data is available in the transmit FIFO, it will be moved into the
output shift register and the data will be transmitted at the
configured Baud Rate, starting with a Start Bit (logic zero) and
followed by a Stop Bit (logic one).
Reception
At any time, with the receiver being idle, if a falling edge of a
start bit is detected on the input, a byte will be received and
stored in the receive FIFO. The following Stop Bit will be checked
to be logic one.
Figure 29:
UART Protocol
1. With UART operation, min VDD of 2.97V is required as shown in Electrical Characteristics Figures.
Start Bit
TX
D0
D1
D2
D3
D4
D5
D6
D7
D0
D0
D1
D2
D3
D4
D5
D6
D7
D0
Tbit=1/Baude Rate
Stop Bit
Next Start
Sample Points
Start Bit detected
After Tbit/2: Sampling of Start Bit
After Tbit: Sampling of Data
RX
Always Low
Always High
Data Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com