Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7262 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS7262 Datasheet HTML 28Page - OSRAM GmbH AS7262 Datasheet HTML 29Page - OSRAM GmbH AS7262 Datasheet HTML 30Page - OSRAM GmbH AS7262 Datasheet HTML 31Page - OSRAM GmbH AS7262 Datasheet HTML 32Page - OSRAM GmbH AS7262 Datasheet HTML 33Page - OSRAM GmbH AS7262 Datasheet HTML 34Page - OSRAM GmbH AS7262 Datasheet HTML 35Page - OSRAM GmbH AS7262 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Datasheet, Public
Page 31
[v4-00] 2022-Nov-30
Document Feedback
AS7262 − Detailed Description
AT Command Interface
The microprocessor interface to control the Visible Spectral_ID
sensor is via the UART, using the AT Commands across the UART
interface.
The 6-channel Spectral _ID sensor provides a text-based serial
command interface borrowed from the “AT Command” model
used in early Hayes modems. For example:
• Read DATA value: ATDATA
→ <data>OK
• Set the gain of the sensor to 1x: ATGAIN =0
→ OK
The “AT Command Interface Block Diagram”, shown below
between the network interface and the core of the system,
provides access to the Spectral_ID engine’s control and
configuration functions.
Figure 30:
AT Command Interface Block Diagram
In Figure 31, numeric values may be specified with no leading
prefix, in which case they will be interpreted as decimals, or with
a leading “0x” to indicate that they are hexadecimal numbers,
or with a leading “‘b” to indicate that they are binary numbers.
The commands are loosely grouped into functional areas. Texts
appearing between angle brackets (‘<‘and ‘>‘) are commands
or response arguments. A carriage return character, a linefeed
character, or both may terminate commands and responses.
Note that any command that encounters an error will generate
the “ERROR” response shown, for example, in the NOP
command at the top of the first table, but has been omitted
elsewhere in the interest of readability and clarity.
AT Command Interface
Spectral_ID
Engine
AT
Command
Interface
RX
μP
TX
AS726x
AT Command Interface
AT Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com