Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7262 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS7262 Datasheet HTML 22Page - OSRAM GmbH AS7262 Datasheet HTML 23Page - OSRAM GmbH AS7262 Datasheet HTML 24Page - OSRAM GmbH AS7262 Datasheet HTML 25Page - OSRAM GmbH AS7262 Datasheet HTML 26Page - OSRAM GmbH AS7262 Datasheet HTML 27Page - OSRAM GmbH AS7262 Datasheet HTML 28Page - OSRAM GmbH AS7262 Datasheet HTML 29Page - OSRAM GmbH AS7262 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Datasheet, Public
Page 25
[v4-00] 2022-Nov-30
Document Feedback
AS7262 − Detailed Description
Figure 23:
Control Setup Register
Figure 24:
Integration Time Register
Figure 25:
Device Temperature Register
Addr: 0x04/0x84
Control_Setup
Bit
Bit Name
Default
Access
Bit Description
7RST
0
R/W
Soft Reset, Set to 1 for soft reset, goes to 0
automatically after the reset.
6INT
0
R/W
Enable interrupt pin output (INT),
1: Enable, 0: Disable.
5:4
GAIN
0
R/W
Sensor Channel Gain Setting (all channels)
‘b00=1x; ‘b01=3.7x; ‘b10=16x; ‘b11=64x.
3:2
BANK
10
R/W
Data Conversion Type (continuous)
‘b00=Mode 0; ‘b01=Mode 1; ‘b10=Mode 2;
‘b11=Mode 3 One-Shot
1
DATA_RDY
0
R/W
1: Data Ready to Read, sets INT active if interrupt is
enabled.
Can be polled if not using INT.
0
RSVD
0
R
Reserved; Unused.
Addr: 0x05/0x85
INT_T
Bit
Bit Name
Default
Access
Bit Description
7:0
INT_T
0xFF
R/W
Integration time = <value> * 2.8ms.
Addr: 0x06
Device_Temp
Bit
Bit Name
Default
Access
Bit Description
7:0
Device_Temp
R
Device temperature data byte (
°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com