Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Type 2651
Flange
3 | 12
Visit product website 
1.
General Technical Data
Product properties
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 6.
Material
Body
Stainless steel 1.4408
Ball
Stainless steel 1.4401
Shaft
Stainless steel 1.4401
Seal
PTFE (Ball seal)
FKM (Selector shaft seal)
Nominal diameter
DN 15…200
Face-to-face length
DN 15…DN 100: F4 (EN 558 - 1 series 27) or F1 (EN 558 - 1 series 1)
DN 125…DN 200: F5 (EN 558 - 1 series 27)
Medium data
Medium
Stainless steel body: aggressive media which do not attack the body and seal material
Medium temperature
- 10 °C…200 °C (see “4.1. Pressure temperature diagram” on page 10)
Medium pressure
16 bar, 40 bar (see “4.1. Pressure temperature diagram” on page 10)
Max. 6 bar for steam with graphite reinforced PTFE seal (option)
Process/Port connection & communication
Port connection
DIN Flange acc. EN 1092 - 1
ANSI Flange acc. ANSI/ASME B16.5
Approvals and Certificates
ISO head flange
EN ISO 5211
2.
Materials
2.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com