Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Type 2651
Flange
4 | 12
Visit product website 
2.2. Material specifications
DN 15…DN 100
No. Element
Quantity Material
1
Body
1
1.4408
2
Body II (DN 15…DN 100),
End cap (DN 125…DN 200)
1
1.4408
3
Ball
1
1.4401
4
Ball seal
2
PTFE reinforced
5
Body seal
1
PTFE
6
Stem
1
1.4401
7
Bearing
1
PTFE reinforced
8
Stem packing
1 Set
PTFE / PTFE conductive
9
Thrust washer
1
1.4401
10 Spring
2
1.4310
11 Stem nut
1
A2 - 70
12 Lock washer
1
1.4301
13 Hex bolt
1
1.4308
14 Anti-static-ball
1
A4 - 70 (DN 15…DN 100), A2 - 70 (DN 125…DN 200)
15 Manual lever
1
1.4301 (with plastic cover) (DN 15…DN 100), 14308 (DN 125…DN 200)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com