Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Type 2651
Flange
9 | 12
Visit product website 
3.4. ANSI/ASME B16.5 Class 300
Note:
Dimensions in mm
R
L1
L2
L1
DN 15...DN 100
DN 125...DN 200
DN
L1
L2
H1
H2
H3
R
ISO
5211
U
Flange
Drillings
Weight
Article no.
[mm]
[Quantity]
[kg]
15
140
73.5
50
12
92
180
F05
11
4
2.5
772182 
20
152
83.5
58.7
11
97.7
180
F05
11
4
3.6
772183 
25
165
92
62
14
104
180
F05
14
4
4.5
772184 
32
178
105
71
15
117
180
F05
14
4
6.1
772185 
40
190
109
78
15
124.5
300
F07
17
4
9.7
772186 
50
216
128
84.5
17.5
135
300
F07
17
8
11.6
772187 
65
241
143
95.5
16.5
142
300
F07
17
8
17
772188 
80
282.5
173.7
113
22
198.5
400
F10
22
8
25.1
772189 
100
305
190.5
131
23.5
216.5
400
F10
22
8
43.1
772190 
150
403
–
217
37
–
700
F14
36
8
124
293777 
200
502
–
252
37
–
700
F14
36
8
180
293778 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com