Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Type 2651
Flange
7 | 12
Visit product website 
3.2. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 1 - F1
Note:
Dimensions in mm
R
L1
L2
DN 15...DN 100
Note:

Number of Flange Drillings - PN 16
‚
Number of Flange Drillings - PN 40
DN
L1
L2
H1
H2
H3
R
ISO
5211
U

‚
Weight
PN 16
Weight
PN 40
Article no.
[mm]
[kg]
[kg]
PN 16
PN 40
15
130 63.5
50
11
92
180
F05
11
4
4
2.7
772161 
20
150 81.5
53.5
11
95.5
180
F05
11
4
4
3.5
772162 
25
160 87
58.5
14
100.5 180
F05
14
4
4
4.5
772163 
32
180 107
71
14
113
180
F05
14
4
4
6
772164 
40
200 119
76
17
122.5 300
F07
17
4
4
8.6
772165 
50
230 142
83.5
17
130
300
F07
17
4
4
11.5
772166 
65
290 192
95
17
141.5 300
F07
17
4
8
15.3
16.1
772170 
772167 
80
310 201.2 113
22
194.5 400
F10
22
8
8
21.5
22.6
772171 
772168 
100
350 235.5 131
22
212.5 400
F10
22
8
8
30.4
33.4
772172 
772169 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com