Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Type 2651
Flange
11 | 12
Visit product website 
5.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
5.3. Ordering chart DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 27 - F4 (DN 15…100) | F5 (DN 125…200)
Note:
Detailed information can be found in chapter “3.1. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 27 - F4 (DN 15…100) | F5
(DN 125…200)” on page 6.
5.4. Ordering chart DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 1 - F1
Note:
Detailed information can be found in chapter “3.2. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 1 - F1” on page 7.
5.5. Ordering chart ANSI/ASME B16.5 Class 150
Note:
Detailed information can be found in chapter “3.3. ANSI/ASME B16.5 Class 150” on page 8.
5.6. Ordering chart ANSI/ASME B16.5 Class 300
Note:
Detailed information can be found in chapter “3.4. ANSI/ASME B16.5 Class 300” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com