Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Type 2651
Flange
10 | 12
Visit product website 
4.
Performance specifications
4.1. Pressure temperature diagram
60
50
40
30
16
10
−10
0
50
100
150
200
P (bar)
T (C°)
2.5 bar
For general industrial use
4.2. Torques
Note:
The values were measured under the following conditions: Max. Δp, ambient temperature, medium: water
Torques - for ball valves with a PN 16 pressure rating
DN [mm]
15
20
25
32
40
50
65
80
100
125
150
200
Breakaway torque [Nm] 12
14
18
32
42
57
83
120
183
441
583
688
Running torque [Nm]
10
12
16
29
30
38
69
80
122
299
384
456
Torques - for ball valves with a PN 40 pressure rating
DN [mm]
15
20
25
32
40
50
65
80
100
125
150
200
Breakaway torque [Nm] 18
24
42
63
81
120
210
293
390
882
1166
1376
Running torque [Nm]
16
21
40
55
57
80
160
195
260
598
768
912
4.3. Nominal flow
Note:
The nominal flow K
VS acc. VDI/VDE 2173 indicates the flow in cubic meters per hour, at Δp= 1 bar and + 15 °C.
Nominal flow – K
VS value [m
3
/h]
DN [mm]
15
20
25
32
40
50
65
80
100
125
150
200
K
VS [m
3
/h]
19.4
45.6
71.5
105
170
275
507
905
1414
2362
3674
7155
5.
Ordering information
5.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com