Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Type 2671
4 | 13
Visit product website 
3.
Dimensions
3.1. Dimension for wafer type
Note:
• Dimensions in mm
• Pipe limit size > C
Flange Ratings:
• PN 10, 16 acc. to EN1092 - 1 & EN1092 - 2
• ASME / ANSI B16.1 Class 125 & Class 150
• AS Table E
• JIS 10K
Size
Face to
Face
Maße
Mounting flange (ISO5211) Shaft end
Weight
mm
Inch
L
H1
H2
ØD
C
C1
Type
PCD
ØB
B1
¨
B
kg
40
1.5
33
60
120
81
34
7
F05/07
50/70
14
19
11
2.00
50
2
43
65
143
96
39
8
F05/07
50/70
14
19
11
3.00
65
2.5
46
71
155
110
55
13
F05/07
50/70
14
19
11
3.80
80
3
46
77
162
124
69
19
F05/07
50/70
14
19
11
4.00
100
4
52
107
181
148
91
27
F05/07
50/70
14
19
11
5.30
125
5
56
122
197
180
115
36
F05/07
50/70
18
19
14
7.30
150
6
56
150
210
206
140
47
F05/07
50/70
18
19
14
8.20
200
8
60
165
240
259
186
68
F101.)/F12
102/125
22
24
17
13.50
250
10
68
201
286
320
239
90
F101.)/F12
102/125
25
24
19
21.20
300
12
78
234
309
370
289
111
F101.)/F12
102/125
28
24
22
32.50
1.) Other dimensions on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com