Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Type 2671
7 | 13
Visit product website 
4.3. Flow characteristic
Note:
• Butterfly valves can be used as a control valve at an opening angle between 30° and 90°. A regulation to an opening angle below
30° is not recommended due to high flow rates and cavitation, which results in early damage of the valve.
• The max. flow rate of the medium through the butterfly valve must not be exceeded.
• 3 m/s for liquid media. The use between 3 and 5 m/s is possible. However, this increases the risk of cavitation, noise, vibrations
and pressure surges.
• 20 m/s for gas. The use between 20 and 25 m/s is possible. However, this increases the risk of cavitation, noise, vibrations and
pressure surges.
Size
Flow coefficient C
V [US gpm]
1.)
Opening angle
[mm]
[inch]
10°
20°
30°
40°
50°
60°
70°
80°
90°
40
1.5
0.8
2.8
8.1
16.6
25.7
42.1
69.0
94.8
132.2
50
2
1.3
4.4
11.9
25.7
44.5
70.2
117.0
154.4
225.8
65
2.5
2.3
8.8
21.3
41.0
71.4
111.2
218.8
280.8
368.6
80
3
2.9
11.5
30.4
56.2
97.1
147.4
250.4
395.5
497.3
100
4
4.4
17.1
45.6
84.2
139.2
258.6
422.4
709.0
845.9
125
5
7.6
28.1
72.5
138.1
253.9
461.0
700.8
1214.5
1454.3
150
6
11.7
48.0
111.2
204.8
381.4
634.1
1021.4
1474.2
2175.0
200
8
22.2
74.9
193.1
358.0
670.4
1164.2
1833.4
2702.7
3655.1
250
10
32.8
118.2
286.7
527.7
978.1
1710.5
2636.0
3809.5
5565.7
300
12
39.8
150.9
365.0
719.6
1330.3
2486.3
3800.2
5839.5
8257.9
1.) C
V = 1.17KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com