Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Visit product website 
DATA SHEET
Type 2052
Pneumatic rotary ac-
tuator
Type 2051
Pneumatic rotary ac-
tuator
Type 3003
Electrical Rotary Actua-
tor - On/Off and control
Type 3004
Explosion Proof Rotary
Actuator - On/Off and
control
Type 3005
Electric Rotary Actuator
- On/Off and Control
Type 1061
Accessory for pneumat-
ic rotary actuators
Type 8792
Digital electropneumat-
ic Positioner SideCon-
trol
1000205027 | Standard | EU | en | 202106 | 09
Butterfly valve
• Manually operated / Automatable
• High flow values
• Shaft and body are non-wetted parts
• Low torques
• Zero leakage
2/2 way butterfly valve in metal for shutting off and controlling media flows.
Based on the fact that the butterfly valve is available in various designs (in-
termediate flange, end flange) and in different materials, it meets the require-
ments of various applications and processes. Preferential areas of application
for butterfly valves are, for example, the metal industry, power plant technol-
ogy, paper industry as well as mining, shipbuilding and mechanical engineer-
ing.
Further characteristics and advantages are:
• Through shaft for self-centering disc --> even wear and low torque
• PFA-coated shaft in the sealed area
• Blow-out proof shaft seal
• Spherically shaped disc
• Notched handle in ductile iron: lockable in 10 adjustable positions
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2671
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 3003

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
Molex Electronics Ltd.
3003 MOLEX-3003 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
NXP Semiconductors
3003 NXP-3003 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results

Similar Description - 3003

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E_11 Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCE-5B06V-00A1E ADVANTECH-PCE-5B06V-00A1E Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCE-5B03V-01A1E ADVANTECH-PCE-5B03V-01A1E Datasheet
4Mb / 4P
1U Butterfly Backplanes
PCA-6106P3V-0B2E ADVANTECH-PCA-6106P3V-0B2E Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCA-6105P4V-0B3E ADVANTECH-PCA-6105P4V-0B3E Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_11 Datasheet
4Mb / 4P
1U Butterfly Backplanes
logo
Rochester Electronics
RLT975M-3WFC ROCHESTER-RLT975M-3WFC Datasheet
214Kb / 3P
Multi-Mode 14-Pin Butterfly Laser Diode
logo
Roithner LaserTechnik G...
RLT975-300SPM ROITHNER-RLT975-300SPM Datasheet
268Kb / 4P
Single-Mode 14-Pin Butterfly Laser Diode
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
CW Tunable Laser ??Butterfly Package
logo
Festo Corporation.
8073655 FESTO-8073655 Datasheet
66Kb / 1P
Actuated butterfly valve
11/18/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com