Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Type 2671
8 | 13
Visit product website 
4.4. Pressure Loss Diagram
Note:
Pressure drop diagram for water at 20 °C
0.3
0.4
0.5 0.6 0.7 0.8
1
1.3 1.6
2
2.5 3
4
5
6
7 8
10
13
16
20
25
30
0.3
0.4
0.5 0.6 0.7 0.8
1
1.3 1.6
2
2.5 3
4
5
6
7 8
10
13
16
20
25
30
300
200
150
100
80
60
40
30
20
15
10
8
6
4
3
2
1.5
1
0.8
0.6
0.4
0.3
0.2
0.15
0.1
0.08
0.06
0.04
0.03
0.02
0.15
0.01
0.008
0.006
0.004
0.003
0.002
0.0015
0.0010
0.0008
0.0006
0.0004
0.0003
0.0002
30,000
20,000
15,000
10,000
8,000
6,000
5,000
4,000
3,000
2,000
1,500
1,000
800
600
500
400
300
200
150
100
60
5
4
3
2 1/2
2
20°
30°
40°
50°
60°
70°
80°
90°
24"
20"
18"
16"
14"
12"
10"
8"
6"
PIPE LINE VELOCITY( F.P.S )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com