Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Type 2671
6 | 13
Visit product website 
4.
Performance specifications
4.1. Pressure temperature diagram
0
2
4
6
8
10
12
14
16
18
-30 -20 -18 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 190 200 204 210
FKM
NBR
CSM
EPDM
EPT
W-EPT
Silicone
Temperature (°C)
4.2. Torque
Note:
• Seating / unseating torque values above included friction bearing torque for stated Δp.
• For actuator dimensioning we recommend considering a safety factor of minimum 30 %.
• Test medium: Water at room temperature
Size
Differential pressure1.)
6 kg/cm2
10 kg/cm2
16 kg/cm2
[mm]
[inch]
[Nm]
[Nm]
[Nm]
40
1.5
4.5
4.5
4.5
50
2
10
10
11.5
65
2.5
13
13.5
15
80
3
19.6
19.6
19.6
100
4
29.4
29.4
34.3
125
5
44.1
44.1
54
150
6
58
72
80
200
8
120
125
130
250
10
170
185
200
300
12
352
357
450
1.) Lubricating (non corrosive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com