Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Type 2671
12 | 13
Visit product website 
5.10. Ordering chart LUG - White EPT
Orifice
Body
material
Disc ma-
terial
Liner
Max. pres-
sure
Weight
bare shaft
Weight
with lever
Article no.
[mm]
[mm]
[bar]
[kg]
[kg]
bare shaft
with lever
40
GGG50
CF8M
W-EPT
6
3
3.7
20005837 
20005849 
50
GGG50
CF8M
W-EPT
6
4
4.7
20005838 
20005850 
65
GGG50
CF8M
W-EPT
6
4
4.7
20005839 
20005852 
80
GGG50
CF8M
W-EPT
6
5
5.7
20005840 
20005853 
100
GGG50
CF8M
W-EPT
6
8
8.7
20005841 
20005854 
125
GGG50
CF8M
W-EPT
6
10
11
20005842 
20005855 
150
GGG50
CF8M
W-EPT
6
11
12
20005844 
20005856 
200
GGG50
CF8M
W-EPT
6
18
20
20005845 
20005858 
250
GGG50
CF8M
W-EPT
6
27
29
20005847 
20005860 
300
GGG50
CF8M
W-EPT
6
44
46
20005848 
20005861 
5.11. Ordering chart for hand levers
Orifice
Article no.
[mm]
40…100
774667 
125…150
774668 
200…300
774669 
5.12. Ordering chart replacement liners
Orifice
EPT
FKM
NBR
White EPT
[mm]
Article no.
Article no.
Article no.
Article no.
40
773949 
775152 
775162 
775172 
50
773950 
775153 
775163 
775173 
65
773951 
775154 
775164 
775174 
80
773952 
775155 
775165 
775175 
100
773953 
775156 
775166 
775176 
125
773954 
775157 
775167 
775177 
150
773955 
775158 
775168 
775178 
200
773956 
775159 
775169 
775179 
250
773957 
775160 
775170 
775180 
300
773958 
775161 
775171 
775181 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com