Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular process valve cluster – distributor and collector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Type 8840
3 | 20
Visit product website 
1.
General technical data
1.1. Modular process valve cluster Type 8840
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 9.
Material
Housing
Precision cast stainless steel 316L (CF3M)
Actuator
INOX DN 10
CLASSIC DN 20, DN 25
ELEMENT DN 20, DN 25
Stainless steel (on request)
PA (PPS on request)
Actuator: PPS, cover: stainess steel 1.4561 (316Ti)
Seal
PTFE
Packing gland
PTFE seal with spring compensation
Nominal diameter (port connection)
DN 10 (threaded)
DN 20, DN 25 (welded)
Control function
CF A (closed by spring force)
CF B (opened by spring force) on request
Number of valve positions
DN 10 (threaded)
2…9 (clusters with larger number of valves on request )
DN 20, DN 25 (welded)
2…5 (clusters with larger number of valves on request )
Performance data
Nominal pressure
PN 25 (housing)
Pilot pressure
Max. 10 bar
Medium data
Medium
Steam, water, neutral gases, alcohols, oils, fuels, hydraulic fluids, salt solutions, alkalis and
organic solvents
Medium temperature
- 10…+ 180 °C
Viscosity
Max. 600 mm²/s
Control medium
Neutral gases, air
Process/Port connection & communication
Port connection
Threaded connection
G ⅜…G 1, NPT ⅜…NPT 1
Welded connection
ISO 4200 (on request)
Clamp connection
DIN 32676 series B (on request)
Pilot air ports
INOX DN 10
Female elbow fitting (hose Ø 4)
CLASSIC DN 20, DN 25
G ¼
ELEMENT DN 20, DN 25
Push-in connector 6/4
Approvals and conformities
Further information can be found in chapter “2. Approvals and conformities” on page 6.
Environment and installation
Ambient temperature
INOX DN 10
0…+ 60 °C
CLASSIC DN 20, DN 25
- 10…+ 60 °C (PA actuator)
+ 5…+ 140 °C (PPS actuator)
ELEMENT DN 20, DN 25
0…+ 60 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com