Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular process valve cluster – distributor and collector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Type 8840
19 | 20
Visit product website 
8.4. Ordering chart
Modular process valve cluster collector
Note:
Other versions are available on request.
Actuator
version
Nominal diameter
(port connection)
Threaded
connection
Actuator size Ø Pilot pressure
min.
Operating pressure
max. + 180 °C
Number
of valves
Article no.
[mm]
[bar]
[bar]
G-threaded connection
20
G ¾
50 (D)
3.9
11
2
283906 
3
283908 
4
283909 
5
283910 
25
G 1
63 (E)
4.2
11
2
283941 
3
283942 
4
283943 
5
283944 
20
G ¾
50 (D)
5.2
16
2
283911 
3
283912 
4
283913 
5
283914 
25
G 1
70 (M)
5.0
16
2
283945 
3
283946 
4
283947 
5
283948 
NPT-threaded connection
20
NPT ¾
50 (D)
3.9
11
2
283915 
3
283916 
4
283917 
5
283918 
25
NPT 1
63 (E)
4.2
11
2
283949 
3
283950 
4
283951 
5
283952 
20
NPT ¾
50 (D)
5.2
16
2
283919 
3
283920 
4
283922 
5
283923 
25
NPT 1
70 (M)
5.0
16
2
283953 
3
283954 
4
283955 
5
283956 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com