Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular process valve cluster – distributor and collector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Type 8840
15 | 20
Visit product website 
6.
Product accessories
Electrical position indicator
Control head
Type 8691  Actuator size Ø 70 mm
The control heads Type 8691 and Type 8695 are optimised for integrated mounting on process valves
of the 21XX series. The valve position is detected without contact via an analogue sensor element.
The sensor element automatically detects and stores the valve end positions during commissioning
using the teach function. The integrated pilot valve controls single-acting or double-acting actuators.
The valve switching status is indicated by coloured high-performance LEDs.
Features
• Status indication via coloured high-performance LEDs
• Wear-free inductive position sensor
• Pilot valve with manual override
• Teach function for automatic recognition of valve end positions
• Hygienic stainless steel design
• Easy-to-clean, chemically resistant housing according to IP65/67, 4X rating
• AS-Interface, IO-Link, Bürkert system bus (büS)
Customer benefits
• Simple and safe commissioning using the teach function
• Easy process monitoring and fault detection through visible coloured high-performance LEDs
• High degree of system availability due to increased actuator service life by means of spring chamber
ventilation
• Minimal space requirement in plant piping for more flexibility in plant design
Type 8695 
Actuator size Ø 50 mm
Pneumatic control unit/position feedback
Type 8690  Actuator size Ø 70 mm
The pneumatic control units Type 8690 and 8697 are optimised for integrated mounting on process
valves of the 21XX series. Mechanical or inductive limit switches detect the valve position. The
integrated pilot valve controls single-acting or double-acting (Type 8690) actuators.
Features
• Optical position indicator
• Mechanical or inductive proximity switches for end position detection
• Pilot valve with manual override
• Compact design
• Easy-to-clean, chemically resistant housing according to IP65/67, 4X rating
• Optionally intrinsically safe design according to ATEX/IECEx
Customer benefits
• Simple and safe commissioning using the teach function (Type 8697)
• Signal reliability due to the automatic adjustment of the limit switches
• Minimal space requirement in plant piping for more flexibility in plant design
Type 8697 
Actuator size Ø 50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com