Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular process valve cluster – distributor and collector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Type 8840
8 | 20
Visit product website 
CLASSIC actuator DN 20, DN 25
1
2
3
4
5
6
7
5
8
9
10
11
12
13
No.
Element
Material
1
Transparent cap
PC (with PPS actuator: PSU)
2
Pilot air ports
Stainless steel 1.4305
3
Actuator
PA (PPS on request)
4
Piston seal
NBR (with PPS actuator: FKM)
5
Spindle seal
PTFE (FKM on request)
6
Pipe
Stainless steel 1.4404/316L1.)
7
Spring
Stainless steel 1.4310
8
Wiper
PTFE
9
Nippel 2.)
Stainless steel 1.4404/316L 1.)
10
Spindle
Stainless steel 1.4401
11
Pin
Stainless steel 1.4401
12
Swivel plate
Stainless steel 1.4401
13
Seal
PTFE (NBR, FKM, EPDM on request)
1) For actuator size 63 mm (E)
ELEMENT actuator DN 20, DN 25
1
2
3
4
5
6
7
8
9
10
11
12
13
No.
Element
Material
1
Ground terminal
Stainless steel 1.4301/1.4305 only for ATEX variant
2
Transparent cap
PSU
3
Pilot air ports
Push-in connector: PP (standard)
(Thread G ⅛: stainless steel on request)
4
Actuator
PPS
5
Cover
Stainless steel 1.4561 (316Ti)
6
Piston seal
FKM
7
Spring
Stainless steel 1.4310
8
Pipe
Stainless steel 1.4401 (316)/1.4404 (316L)
9
Spindle seal
PTFE
10
Spindle
Stainless steel 1.4401 (316)/1.4404 (316L)
11
Spindle guide
PEEK
12
Swivel plate
Stainless steel 1.4401 (316)/1.4404 (316L)
13
Seal
PTFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com