Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular process valve cluster – distributor and collector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Type 8840
9 | 20
Visit product website 
4.
Dimensions
4.1. INOX actuator DN 10
Note:
Dimensions in mm
Distributor
L
36,4
9
12
9
12
45,5
12
Collector
L
36,4
12
45,5
9
9
12
12
DN
Actuator size Ø
Thread G
Thread BG 1.)
Number of valves
L
[mm]
[mm]
[mm]
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
2
90
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
3
135
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
4
180
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
5
225
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
6
270
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
7
315
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
8
360
10
32 (B)
G ⅜ or NPT ⅜
G ⅜ or NPT ⅜
9
405
1.) Threads can be used to attach the valve block, e.g. to a mounting plate or a frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com