Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Modular process valve cluster – distributor and collector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Visit product website 
DATA SHEET
Type 8647
AirLINE SP – electropneu-
matic automation system
Type 8697
Pneumatic control unit for
decentralised automation
of process valves
ELEMENT
Type 8691
Control head for decen-
tralised automation of
ELEMENT process valves
Type 8695
Control head for decen-
tralised automation of
ELEMENT process valves
Type 2000
Pneumatically operated
2/2-way angle seat valve
CLASSIC
Type 2100
Pneumatically operated
2/2-way angle seat valve
ELEMENT for decentral-
ized automation
Type 2060
Pneumatically operated
2/2-way angle seat valve
with stainless steel
actuator
Standard | EU | en | 2024 - 03 - 05 | 04
Modular process valve cluster – distributor and collector
• Valve cluster ready for installation
• Compact design without any potential leakage
• No assembly effort
• No piping between the valves needed
• Trusted actuators for simple automation
Type 8840 comes with ready to install modules of tried and tested Bürkert process
valves. The valve cluster, based on a modular valve body, allows different configu-
rations. The individual parts are joined hermetically tight and in a very compact
way. No installation effort for pipework, fittings or sealings is needed. For the sizes
DN 20 (¾") and DN 25 (1") orbital welding is used. The smaller variants in DN 10 are
threaded together using trusted graphite seals. To avoid dangerous water hammer,
all valves have the flow direction below the seat. This is made possible by the two
variants for the fluidic main function distribution and collecting, mixing or feed.
Depending on the requirement and preferred type of automation, it is possible to
choose from different actuator variants. The robust CLASSIC actuators (in stainless
steel or plastic) are controlled by a central valve island or by a pilot valve.
The proven ELEMENT actuators allow a simple decentralized automation by using
intelligent control heads Furthermore it is possible to expand the system by using
continuous control valves, sensors, customer specific pipework or further acces-
sories.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8840
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
2000 Electrician’s Duct Tape
logo
Enercon Technologies Eu...
2000 ENERCON-2000 Datasheet
847Kb / 3P
Military Ethernet to Serial, GPIO Unit
July 24, 2023
More results

Similar Description - 2000

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BL0709-18-76 KINGBRIGHT-BL0709-18-76 Datasheet
55Kb / 2P
28mmX28mm LED CLUSTER
logo
SunLED Corporation
K4MDW62 SUNLED-K4MDW62 Datasheet
139Kb / 3P
18.4mm LED CLUSTER
K50MRW6 SUNLED-K50MRW6 Datasheet
153Kb / 3P
52mm LED CLUSTER
logo
BetLux Electronics
BL-CR19AR3G4 BETLUX-BL-CR19AR3G4 Datasheet
71Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
BL-CS15AR1G3 BETLUX-BL-CS15AR1G3 Datasheet
73Kb / 3P
LED LAMP CLUSTER
REV NO: V.2
logo
Mallory performance clu...
1214M MALLORY-1214M Datasheet
193Kb / 12P
DISTRIBUTOR
logo
Fuji Electric
EDS13-8C FUJI-EDS13-8C Datasheet
168Kb / 4P
DISTRIBUTOR
logo
Festo Corporation.
6847 FESTO-6847 Datasheet
77Kb / 1P
Distributor
6848 FESTO-6848 Datasheet
77Kb / 1P
Distributor
logo
Endress+Hauser Group Se...
CPA474 EH-CPA474 Datasheet
1,014Kb / 20P
Retractable plastic process assembly with ball valve for pH and ORP electrodes
04.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com