Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3721 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMD3721 Datasheet HTML 6Page - OSRAM GmbH TMD3721 Datasheet HTML 7Page - OSRAM GmbH TMD3721 Datasheet HTML 8Page - OSRAM GmbH TMD3721 Datasheet HTML 9Page - OSRAM GmbH TMD3721 Datasheet HTML 10Page - OSRAM GmbH TMD3721 Datasheet HTML 11Page - OSRAM GmbH TMD3721 Datasheet HTML 12Page - OSRAM GmbH TMD3721 Datasheet HTML 13Page - OSRAM GmbH TMD3721 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
Datasheet, Public
Page 9
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Optical Characteristics
Figure 9:
Proximity Optical Characteristics
Note(s):
1. Representative result by lab characterization with VDD3 = 3.3V.
2. Optically trimmed at factory final test.
3. Response with no target varies with power supply characteristics and system noise.
4. Production tested results is the standard deviation of 10 readings divided by the average response.
Parameter
Conditions
Min
Typ
Max
Unit
Response: Absolute (1)
PTIME =528μs
PGAIN =2x; PGAIN2 =2.5x
PLDRIVE0 =10mA
PPULSE =1pulse
PPULSE_LEN =45μs
PROX_DATA_AVG =8
BINSRCH_TARGET =15
APC =disabled
ORE =disabled
Electrical Calibration
No glass above module
Target Material: 18% reflective surface
Target Size: 100mm x100mm
Target Distance: 30mm
480
counts
Part to Part Variation (2)
Same as Response: Absolute except the
followings:
PGAIN2=5x
Target Material: broadband diffusor
Target Size: 2 inch diameter
Target Distance: 85.75mm
±25
%
Response: No Target (3)
Same as Response: Absolute except the
followings:
PGAIN2=5x
No Target
14
counts
Noise /Signal (4)
Same as Response: Absolute except the
followings:
PGAIN2=5x
Target Material: broadband diffusor
Target Size: 2 inch diameter
Target Distance: 85.75mm
0.11
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com