Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3721 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMD3721 Datasheet HTML 19Page - OSRAM GmbH TMD3721 Datasheet HTML 20Page - OSRAM GmbH TMD3721 Datasheet HTML 21Page - OSRAM GmbH TMD3721 Datasheet HTML 22Page - OSRAM GmbH TMD3721 Datasheet HTML 23Page - OSRAM GmbH TMD3721 Datasheet HTML 24Page - OSRAM GmbH TMD3721 Datasheet HTML 25Page - OSRAM GmbH TMD3721 Datasheet HTML 26Page - OSRAM GmbH TMD3721 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 89 page
background image
Page 22
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
0x92
ID
R
Device ID
0x82
0x93
REVID2
R
Auxiliary ID
0x02
0x94
CFG1
RW
Configuration one
0x00
0x95
AGAIN_1_0
RW
ALS gain control of channel 1 and 0
0xCC
0x96
AGAIN_3_2
RW
ALS gain control of channel 3 and 2
0xCC
0x9A
LDR0_CFG
RW
Proximity LDR0 drive strength configuration
0x52
0x9E
EYE_SAFETY_CFG
RW
Eye safety configuration
0x40
0x9F
EYE_SAFETY_
STATUS
R
Eye safety status
0x00
0xA0
STATUS
R,SC
Device status
0x00
0xA1
STATUS_2
R,SC
Device status two
0xC0
0xA2
STATUS_3
R,SC
Device status three
0x00
0xA5
PID_L
RW
Programmable ID low byte
0x00
0xA6
PID_H
RW
Programmable ID high byte
0x00
0xA7
CFG2
RW
Configuration two
0x43
0xA8
RESET
RW
RESET
0x00
0xAB
CFG3
RW
Configuration three
0x41
0xAE
CFG6
RW
Configuration six
0x76
0xB0
PWM_CFG
RW
PWM configuration
0x00
0xB1
VSYNC_CFG
RW
VSYNC configuration
0x00
0xB2
VSYNC_PRD_L
RW
VSYNC period low data
0x00
0xB3
VSYNC_PRD_H
RW
VSYNC period high data
0x00
0xB5
PWM_PRD_L
RPWM period low data
0x00
0xB6
PWM_PRD_H
R
PWM period high data
0x00
0xB7
PWM_HIP_L
R
Low byte of PWM signal high period
0x00
0xB8
PWM_HIP_H
R
High byte of PWM signal high period
0x00
0xC0
POFFSET
RW
POFFSET data
0x00
0xC1
POFFSET_SIGN
RW
POFFSET sign
0x00
0xD6
AZ_CONFIG
RW
Auto-zero configuration
0x7F
0xD7
CALIB
RW
Proximity offset calibration
0x00
0xD8
CALIB_OFFSET
RW
Proximity offset extension
0x00
Address
Register Name
Type
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com