Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3721 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TMD3721 Datasheet HTML 36Page - OSRAM GmbH TMD3721 Datasheet HTML 37Page - OSRAM GmbH TMD3721 Datasheet HTML 38Page - OSRAM GmbH TMD3721 Datasheet HTML 39Page - OSRAM GmbH TMD3721 Datasheet HTML 40Page - OSRAM GmbH TMD3721 Datasheet HTML 41Page - OSRAM GmbH TMD3721 Datasheet HTML 42Page - OSRAM GmbH TMD3721 Datasheet HTML 43Page - OSRAM GmbH TMD3721 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
Datasheet, Public
Page 39
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
EYE_SAFETY_CFG Register (Address 0x9E)
Figure 51:
EYE_SAFETY_CFG Register
EYE_SAFETY_STATUS Register (Address 0x9F)
Figure 52:
EYE_SAFETY_STATUS Register
Addr: 0x9E
EYE_SAFETY_CFG
Bit
Bit Name
Default
Access
Bit Description
7
EYE_SAFETY_CHKS_
ENAB
0RW
Enables VDD and VSS short check for PLDRIVE0, and
also the analog watch dog timer.
Eye safety runs only once at the beginning when
PON and PEN are enabled.
6
DISABLE_PROX_ON_
WD_FAIL
1RW
Disable the high side switch when the eye safety
watch dog expires.
5:0
Reserved
0
RW
Reserved. Must be set to default value.
Addr: 0x9F
EYE_SAFETY_STATUS
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
0
R
Reserved. Must be set to default value.
4
EYE_SAFETY_WD_
STATUS_SYNCED
0R
When the flag is set, it indicates that the watchdog
has triggered.
When DISABLE_PROX_ON_WD_FAIL is set, the
PLDRIVER0 is disabled when this flag is set.
3:2
Reserved
0
R
Reserved. Must be set to default value.
1
PLDRIVE0_PAD_
SHORT_VSS_FAIL
0R
When the flag is set, it indicates that the VSS check
during eye safety check failed for PLDRIVER0. The
PLDRIVER0 is disabled (no pulses are sent) in case of
failure but the proximity timing is maintained.
When ESIEN is 1, an interrupt is generated in the final
state after PROX_DATA_AVG is complete.
The flag is cleared when PON is made 0. Writing a 1
to this field will clear the flag. To enable clear-by-read
function, INT_READ_CLEAR in the register CFG3 must
be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com