Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3721 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMD3721 Datasheet HTML 12Page - OSRAM GmbH TMD3721 Datasheet HTML 13Page - OSRAM GmbH TMD3721 Datasheet HTML 14Page - OSRAM GmbH TMD3721 Datasheet HTML 15Page - OSRAM GmbH TMD3721 Datasheet HTML 16Page - OSRAM GmbH TMD3721 Datasheet HTML 17Page - OSRAM GmbH TMD3721 Datasheet HTML 18Page - OSRAM GmbH TMD3721 Datasheet HTML 19Page - OSRAM GmbH TMD3721 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
Datasheet, Public
Page 15
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Detailed Description
Figure 15:
ALS Integration and Data Sampling in TMD3721
Operational State Diagram
Figure 16:
Operational State Diagram
Note(s):
1. ALS active time =32.568μs + ALS integration time (ATIME).
2. Proximity active time = PPULSE x(2 x(PPULSE_LEN +42.15μs)) +78.75μs
3. All numbers in the above equations are typical values
ATIME
ASD
ASD
ASP1
ASP2
ASP1
ASP2
ASP1
ASP2
ASP1
ASP2
ALS_Init_Time
ALS_Init_Time
Start s hifts
AVSYNC_EN=0
Start s hifts
AVSYNC_EN=0
PON=1
AEN=1
AWEN=1
AVSYNC=1
VSYNC
SLEEP
(PON=0)
IDLE
(PON=1)
ALS
ACTIVE
(1)
Proximity
ACTIVE
(2)
Update
ADATA
SAI
(if enabled)
AWTIME
(if enabled)
Complete
PTIME
PROX_DATA_AVG
(if enabled)
Update
PDATA
SAI
(if enabled)
PWTIME
(if enabled)
POR
(TActive=1.6ms,
typical)
AEN=1
PEN=1
Hardware
Averaging
Loop 2 to 16
Times
Y
After PON is set, it needs to wait
100μs before enabling PEN and AEN.
Sleep
Idle
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com