Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3721 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button TMD3721 Datasheet HTML 41Page - OSRAM GmbH TMD3721 Datasheet HTML 42Page - OSRAM GmbH TMD3721 Datasheet HTML 43Page - OSRAM GmbH TMD3721 Datasheet HTML 44Page - OSRAM GmbH TMD3721 Datasheet HTML 45Page - OSRAM GmbH TMD3721 Datasheet HTML 46Page - OSRAM GmbH TMD3721 Datasheet HTML 47Page - OSRAM GmbH TMD3721 Datasheet HTML 48Page - OSRAM GmbH TMD3721 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
Page 44
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
PID_H Register (Address 0xA6)
Figure 57:
PID_H Register
CFG2 Register (Address 0xA7)
Figure 58:
CFG2 Register
Addr: 0xA6
PID_H
Bit
Bit Name
Default
Access
Bit Description
7:0
PID_H
0x00
RW
The high byte of the 16bit programmable Proximity ID.
Addr: 0xA7
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0
RW
Reserved. Must be set to default value.
3
HOLD_ONLY_IN_
PULSE_ST
0RW
It is recommended to set the bit to “1” during device
initialization. In concurrent mode, ALS integration is only
on hold during Proximity pulsing period.
If the bit is “0”, in concurrent mode, ALS integration is on
hold until Proximity completes the entire measurement
which includes the initialization time, integration time or
PTIME whichever is longer, hardware averaging loops if
enabled and ADC conversion time. Also, ALS is kept on
hold during proximity is waiting for VSYNC signal
detection and PSD time when PVSYNC is enabled.
2
Reserved
0
RW
Reserved. Must be set to default value.
1
SKIP_IDAC_SAR
1
RW
If set, the IDAC_SAR is skipped.
0DISABLE_IDAC
1
RW
If set, the IDAC is disabled.
If SKIP_IDAC_SAR =DISABLE_IDAC =0, it enables the IDAC
to automatically remove most of the ambient IR light to
avoid a saturation caused by high ambient IR
components. The function runs before every PTIME, and
the time required is given by the formula:
prox_init_time =7 x (PPULSE_LEN +42.15μs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com