Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3721 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TMD3721 Datasheet HTML 29Page - OSRAM GmbH TMD3721 Datasheet HTML 30Page - OSRAM GmbH TMD3721 Datasheet HTML 31Page - OSRAM GmbH TMD3721 Datasheet HTML 32Page - OSRAM GmbH TMD3721 Datasheet HTML 33Page - OSRAM GmbH TMD3721 Datasheet HTML 34Page - OSRAM GmbH TMD3721 Datasheet HTML 35Page - OSRAM GmbH TMD3721 Datasheet HTML 36Page - OSRAM GmbH TMD3721 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
Page 32
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
The frequency of consecutive proximity channel results outside
of threshold limits are counted; this count value is compared
against the PPERS value. If the counter is equal to the PPERS
value an interrupt is asserted. Any time a proximity channel
result is inside the threshold values the counter is cleared.
The frequency of consecutive ALS clear channel results outside
of threshold limits are counted; this count value is compared
against the APERS value. If the counter is equal to the APERS
setting an interrupt is asserted. Any time an ALS clear channel
result is inside the threshold values the counter is cleared.
CFG0 Register (Address 0x8D)
Figure 39:
CFG0 Register
Addr: 0x8D
CFG0
Bit
Bit Name
Default
Access
Bit Description
7ENAB_16_BIT_OP
0
RW
Enables output of PDATA to be a 16-bit value when
APC is on. See PDATA (0xF4 and 0xF5) for details.
6:4
Reserved
001
RW
Reserved. Must be set to default value.
3PWLONG
0
RW
When PWLONG (PROX Wait Long) is asserted the wait
period as set by PWTIME is increased by a factor of 12
2AWLONG
0
RW
When AWLONG (ALS Wait Long) is asserted the wait
period as set by AWTIME is increased by a factor of 12
1:0
Reserved
00
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com