Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569 Datasheet(PDF) 56 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 48Page - OSRAM GmbH TSL2569 Datasheet HTML 49Page - OSRAM GmbH TSL2569 Datasheet HTML 50Page - OSRAM GmbH TSL2569 Datasheet HTML 51Page - OSRAM GmbH TSL2569 Datasheet HTML 52Page - OSRAM GmbH TSL2569 Datasheet HTML 53Page - OSRAM GmbH TSL2569 Datasheet HTML 54Page - OSRAM GmbH TSL2569 Datasheet HTML 55Page - OSRAM GmbH TSL2569 Datasheet HTML 56Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
ams Datasheet
Page 55
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Content Guide
1
General Description
2
Key Benefits & Features
3
Block Diagram
4
Detailed Description
5
Pin Assignments
6Absolute Maximum Ratings
7
Electrical Characteristics
14
Typical Characteristics
16
Principles of Operation
16
Analog-to-Digital Converter
16
Digital Interface
17
SMBus and I²C Protocols
22
Register Set
23
Command Register
24
Control Register (0h)
24
Timing Register (1h)
26
Interrupt Threshold Register (2h − 5h)
26
Interrupt Control Register (6h)
29
ID Register (Ah)
30
ADC Channel Data Registers (Ch − Fh)
31
Application Information: Software
31
Basic Operation
32
Configuring the Timing Register
33
Interrupts
35
Calculating Lux
35
Chipscale Package
36
TMB Package
36
Simplified Lux Calculation
41
Application Information: Hardware
41
Power Supply Decoupling and Application Hardware
Circuit
42
PCB Pad Layout
43
Packaging Mechanical Data
47
Manufacturing Information
48
Tooling Required
48
Process
48
Additional Notes for Chipscale
48
Moisture Sensitivity
50
Ordering & Contact Information
51
RoHS Compliant & ams Green Statement
52
Copyrights & Disclaimer
53
Document Status
54
Revision Information
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com