Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 41Page - OSRAM GmbH TSL2569 Datasheet HTML 42Page - OSRAM GmbH TSL2569 Datasheet HTML 43Page - OSRAM GmbH TSL2569 Datasheet HTML 44Page - OSRAM GmbH TSL2569 Datasheet HTML 45Page - OSRAM GmbH TSL2569 Datasheet HTML 46Page - OSRAM GmbH TSL2569 Datasheet HTML 47Page - OSRAM GmbH TSL2569 Datasheet HTML 48Page - OSRAM GmbH TSL2569 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Pack aging Mechanical Data
Figure 42:
Package T - Six-Lead TMB Plastic Surface Mount Packaging Configuration
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ±0.20mm unless otherwise noted.
2. The photo-active area is 1388μm by 149μm.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is 0.5μm minimum of soft gold plated over a 18μm thick copper foil pattern with a 5μm to 9μm nickel barrier.
5. The underside of the package includes copper traces used to connect the pads during package substrate fabrication. Accordingly,
exposed traces and vias should not be placed under the footprint of the TMB package in a PCB layout.
6. This package contains no lead (Pb).
7. This drawing is subject to change without notice.
PIN 1
0.31
1.90
2.60
3.80
1.35
0.90 TYP
0.90
TYP
0.30
TYP
0.60
TYP
0.30
TYP
TOP VIEW
BOTTOM VIEW
END VIEW
R 0.20
6 Pls
PIN 4
Lead Free
Pb
Photo-Active Area
TOP VIEW
0.50
0.88
0.0745 Typ
1.30
0.694
Typ
C
L
C
L
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com