Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569 Datasheet(PDF) 44 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 40Page - OSRAM GmbH TSL2569 Datasheet HTML 41Page - OSRAM GmbH TSL2569 Datasheet HTML 42Page - OSRAM GmbH TSL2569 Datasheet HTML 43Page - OSRAM GmbH TSL2569 Datasheet HTML 44Page - OSRAM GmbH TSL2569 Datasheet HTML 45Page - OSRAM GmbH TSL2569 Datasheet HTML 46Page - OSRAM GmbH TSL2569 Datasheet HTML 47Page - OSRAM GmbH TSL2569 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
ams Datasheet
Page 43
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Packaging Mechanical Data
Figure 41:
Package CS - Six-Lead Chipscale Packaging Configuration
Note(s):
1. All linear dimensions are in micrometers. Dimension tolerance is ±25μm unless otherwise noted.
2. Solder bumps are formed of Sn (96.5%), Ag (3%), and Cu (0.5%).
3. The top of the photodiode active area is 410μm below the top surface of the package.
4. The layer above the photodiode is glass and epoxy with an index of refraction of 1.53.
5. This drawing is subject to change without notice.
Packaging Mechanical Data
171
1398
465
203
1250
6
y 100
400
+ 50
700
+ 55
TYP 30
5
500
500
375
+ 30
500
375
+ 30
1750
TOP VIEW
SIDE VIEW
BOTTOM VIEW
END VIEW
6
y j 210 + 30
1
2
3
6
5
4
PIN OUT
BOTTOM VIEW
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com