Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569 Datasheet(PDF) 49 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 45Page - OSRAM GmbH TSL2569 Datasheet HTML 46Page - OSRAM GmbH TSL2569 Datasheet HTML 47Page - OSRAM GmbH TSL2569 Datasheet HTML 48Page - OSRAM GmbH TSL2569 Datasheet HTML 49Page - OSRAM GmbH TSL2569 Datasheet HTML 50Page - OSRAM GmbH TSL2569 Datasheet HTML 51Page - OSRAM GmbH TSL2569 Datasheet HTML 52Page - OSRAM GmbH TSL2569 Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Manufacturing Information
Tooling Required
• Chipscale
• Solder stencil (square aperture size 0.210mm,
stencil thickness of 152μm)
• TMB
• Solder stencil (aperture size 0.70mm x 0.90mm,
stencil thickness of 152μm)
Process
1.
Apply solder paste using stencil
2.
Place component
3.
Reflow solder/cure
4.
X-Ray verify (recommended for chipscale only)
Additional Notes for Chipscale
Placement of the TSL2568/TSL2569 chipscale device onto the
gold immersion substrate is accomplished using a standard
surface mount manufacturing process. Using a 152μm stencil
with a 0.21mm square aperture, print solder paste onto the
substrate. Machine-place the TSL2568/TSL2569 from the tape
onto the substrate. A suggest pick-up tool is the Siemens
Vacuum Pickup tool nozzle number 912. This nozzle has a
rubber tip with a diameter of approximately 0.75mm. The part
is picked up from the center of the body.
It is important to use a substrate that has an immersion plating
surface. This may be immersion gold, solder, or white tin. Hot
air solder leveled (HASL) substrates are not coplanar, making
them difficult to work with.
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package
molding compound. To ensure the package molding
compound contains the smallest amount of absorbed moisture
possible, each device is dry-baked prior to being packed for
shipping. Devices are packed in a sealed aluminized envelope
with silica gel to protect them from ambient moisture during
shipping, handling, and storage before use.
The CS package has been assigned a moisture sensitivity level
of MSL 2 and the devices should be stored under the following
conditions:
• Temperature Range: 5°C to 50°C
• Relative Humidity: 60% maximum
• Floor Life: 1 year out of bag at ambient < 30°C / 60% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com