Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 32Page - OSRAM GmbH TSL2569 Datasheet HTML 33Page - OSRAM GmbH TSL2569 Datasheet HTML 34Page - OSRAM GmbH TSL2569 Datasheet HTML 35Page - OSRAM GmbH TSL2569 Datasheet HTML 36Page - OSRAM GmbH TSL2569 Datasheet HTML 37Page - OSRAM GmbH TSL2569 Datasheet HTML 38Page - OSRAM GmbH TSL2569 Datasheet HTML 39Page - OSRAM GmbH TSL2569 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
ams Datasheet
Page 35
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Application Information: Software
In order to generate an interrupt on demand during system test
or debug, a test mode (INTR = 11) can be used. The following
example illustrates how to generate an interrupt on demand:
// Generate an interrupt
Address = 0x39
//Slave addr also 0x29 or 0x49
Command = 0x86
//Address Interrupt register
Data = 0x30
//Test interrupt
WriteByte (Address, Command, Data)
//Interrupt line should now be low
Calculating Lux
The TSL256x is intended for use in ambient light detection
applications such as display backlight control, where
adjustments are made to display brightness or contrast based
on the brightness of the ambient light, as perceived by the
human eye. Conventional silicon detectors respond strongly to
infrared light, which the human eye does not see. This can lead
to significant error when the infrared content of the ambient
light is high, such as with incandescent lighting, due to the
difference between the silicon detector response and the
brightness perceived by the human eye.
This problem is overcome in the TSL256x through the use of
two photodiodes. One of the photodiodes (channel 0) is
sensitive to both visible and infrared light, while the second
photodiode (channel 1) is sensitive primarily to infrared light.
An integrating ADC converts the photodiode currents to digital
outputs. Channel 1 digital output is used to compensate for the
effect of the infrared component of light on the channel 0
digital output. The ADC digital outputs from the two channels
are used in a formula to obtain a value that approximates the
human eye response in the commonly used Illuminance unit of
Lux:
Chipscale Package
For 0 < CH1/CH0
≤ 0.35
Lux = 0.00713 × CH0 - 0.00975 × CH1
For 0.35 < CH1/CH0
≤ 0.45
Lux = 0.00813 × CH0 - 0.01250 × CH1
For 0.45 < CH1/CH0
≤ 0.52
Lux = 0.00935 × CH0 - 0.01521 × CH1
For 0.52 < CH1/CH0
≤ 0.67
Lux = 0.00394 × CH0 - 0.00482 × CH1
For 0.67 < CH1/CH0
≤ 0.85
Lux = 0.00337 × CH0 - 0.00396 × CH1
For CH1/CH0 > 0.85
Lux = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com