Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TSL2569
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TSL2569 Datasheet HTML 30Page - OSRAM GmbH TSL2569 Datasheet HTML 31Page - OSRAM GmbH TSL2569 Datasheet HTML 32Page - OSRAM GmbH TSL2569 Datasheet HTML 33Page - OSRAM GmbH TSL2569 Datasheet HTML 34Page - OSRAM GmbH TSL2569 Datasheet HTML 35Page - OSRAM GmbH TSL2569 Datasheet HTML 36Page - OSRAM GmbH TSL2569 Datasheet HTML 37Page - OSRAM GmbH TSL2569 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
ams Datasheet
Page 33
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Application Information: Software
Interrupts
The interrupt feature of the TSL256x device simplifies and
improves system efficiency by eliminating the need to poll the
sensor for a light intensity value. Interrupt styles are
determined by the INTR field in the Interrupt Register. The
interrupt feature may be disabled by writing a field value of 00h
to the Interrupt Control Register so that polling can be
performed.
The versatility of the interrupt feature provides many options
for interrupt configuration and usage. The primary purpose of
the interrupt function is to provide a meaningful change in light
intensity. However, it also be used as an end-of-conversion
signal. The concept of a meaningful change can be defined by
the user both in terms of light intensity and time, or persistence,
of that change in intensity. The TSL256x device implements two
16-bit-wide interrupt threshold registers that allow the user to
define a threshold above and below the current light level. An
interrupt will then be generated when the value of a conversion
exceeds either of these limits. For simplicity of programming,
the threshold comparison is accomplished only with Channel
0. This simplifies calculation of thresholds that are based, for
example, on a percent of the current light level. It is adequate
to use only one channel when calculating light intensity
differences since, for a given light source, the channel 0 and
channel 1 values are linearly proportional to each other and
thus both values scale linearly with light intensity.
To further control when an interrupt occurs, the TSL256x device
provides an interrupt persistence feature. This feature allows
the user to specify a number of conversion cycles for which a
light intensity exceeding either interrupt threshold must persist
before actually generating an interrupt. This can be used to
prevent transient changes in light intensity from generating an
unwanted interrupt. With a value of 1, an interrupt occurs
immediately whenever either threshold is exceeded. With
values of N, where N can range from 2 to 15, N consecutive
conversions must result in values outside the interrupt window
for an interrupt to be generated. For example, if N is equal to
10 and the integration time is 402ms, then an interrupt will not
be generated unless the light level persists for more than 4
seconds outside the threshold.
Two different interrupt styles are available: Level and SMBus
Alert. The difference between these two interrupt styles is how
they are cleared. Both result in the interrupt line going active
low and remaining low until the interrupt is cleared. A level style
interrupt is cleared by setting the CLEAR bit (bit 6) in the
Command Register. The SMBus Alert style interrupt is cleared
by an Alert Response as described in the Interrupt Control
Register section and SMBus specification.
To configure the interrupt as an end-of-conversion signal, the
interrupt PERSIST field is set to 0. Either Level or SMBus Alert
style can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com