Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion, Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4937-1YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADA4937-1
Rev. 0 | Page 4 of 28
Table 2. VOCM to ±OUT Performance
Parameter
Conditions
Min
Typ
Max
Unit
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
440
MHz
Slew Rate
VIN = 1.5 V to 3.5 V; 25% to 75%
1150
V/μs
Input Voltage Noise (RTI)
f = 100 kHz
7.5
nV/√Hz
VOCM INPUT CHARACTERISTICS
Input Voltage Range
1.2
3.8
V
Input Resistance
8
10
12
kΩ
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN– = +VS/2
2
6.1
mV
Input Bias Current
0.5
μA
VOCM CMRR
ΔVOUT, dm/ΔVOCM; ΔVOCM = ±1 V
−75
dB
Gain
ΔVOUT, cm/ΔVOCM; ΔVOCM = ±1 V
0.97
0.98
1.00
V/V
POWER SUPPLY
Operating Range
3.0
5.25
V
Quiescent Current
38.5
39.5
41.0
mA
TMIN to TMAX variation
17
μA/°C
Powered down
0.02
0.3
0.4
mA
Power Supply Rejection Ratio
ΔVOUT, dm/ΔVS; ΔVS = 1 V
−70
−90
dB
POWER DOWN (PD)
PD Input Voltage
Powered down
≤1
V
Enabled
≥2
V
Turn-Off Time
1
μs
Turn-On Time
200
ns
PD Bias Current
Enabled
PD = 5 V
10
40
50
μA
Disabled
PD = 0 V
−300
−200
−150
μA
OPERATING TEMPERATURE RANGE
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com