Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion, Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADA4937-1
Rev. 0 | Page 22 of 28
HIGH PERFORMANCE ADC DRIVING
The ADA4937-1 is ideally suited for broadband IF applications.
The circuit in Figure 51 shows a front-end connection for an
ADA4937-1 driving an AD9445, 14-bit, 105 MSPS ADC. The
AD9445 achieves its optimum performance when driven
differentially. The ADA4937-1 eliminates the need for a
transformer to drive the ADC and performs a single-ended-
to-differential conversion and buffering of the driving signal.
The ADA4937-1 is configured with a single 5 V supply and
unity gain for a single-ended input to differential output. The
61.9 Ω termination resistor, in parallel with the single-ended
input impedance of 267 Ω, provides a 50 Ω termination for the
source. The additional 26 Ω (226 Ω total) at the inverting input
balances the parallel impedance of the 50 Ω source and the
termination resistor driving the noninverting input.
The signal generator has a symmetric, ground-referenced
bipolar output. The VOCM pin of the ADA4937-1 is left floating,
allowing the internal divider to set the output common-mode
voltage at midsupply. One-half of the common-mode voltage is fed
back to the summing nodes, biasing –IN and + IN at 1.25 V. For a
common-mode voltage of 2.5 V, each ADA4937-1 output swings
between 2.0 V and 3.0 V, providing a 2 V p-p differential output.
The output of the amplifier is ac-coupled to the ADC through a
second-order, low-pass filter with a cutoff frequency of 100 MHz.
This reduces the noise bandwidth of the amplifier and isolates
the driver outputs from the ADC inputs.
The AD9445 is configured for a 2 V p-p full-scale input by
connecting the SENSE pin to AGND, as shown in Figure 51.
VIN–
VIN+
47pF
30nH
30nH
24.3Ω
24.3Ω
50Ω
SIGNAL
GENERATOR
226Ω
200Ω
VOCM
5V
ADA4937-1
+
61.9Ω
200Ω
200Ω
14
BUFFER T/H
ADC
CLOCK/
TIMING
REF
SENSE
AGND
0.1µF
0.1µF
AD9445
3.3V (A)
AVDD1
5V (A)
AVDD2
3.3V (D)
DRVDD
Figure 51. ADA4937-1 Driving an AD9445, 14-Bit, 105 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com