Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion, Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADA4937-1
Rev. 0 | Page 17 of 28
OPERATIONAL DESCRIPTION
DEFINITION OF TERMS
ADA4937-1
+IN
–IN
+OUT
–OUT
+DIN
–FB
+FB
–DIN
VOCM
RG
RF
RG
VOUT, dm
RL, dm
RF
Figure 46. Circuit Definitions
Differential Voltage
This refers to the difference between two node voltages. For
example, the output differential voltage (or equivalently, output
differential-mode voltage) is defined as
VOUT, dm = (V+OUT − V−OUT)
where V+OUT and V−OUT refer to the voltages at the +OUT and
−OUT terminals with respect to a common reference.
Common-Mode Voltage
This refers to the average of two node voltages. The output
common-mode voltage is defined as
VOUT, cm = (V+OUT + V−OUT)/2
Balance
Balance is a measure of how well differential signals are
matched in amplitude and are exactly 180° apart in phase.
Balance is most easily determined by placing a well-matched
resistor divider between the differential voltage nodes and
comparing the magnitude of the signal at the divider’s midpoint
with the magnitude of the differential signal (see Figure 44). By
this definition, output balance is the magnitude of the output
common-mode voltage divided by the magnitude of the output
differential mode voltage.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com