Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion, Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADA4937-1
Rev. 0 | Page 18 of 28
THEORY OF OPERATION
The ADA4937-1 differs from conventional op amps in that it
has two outputs whose voltages move in opposite directions.
Like an op amp, it relies on open-loop gain and negative
feedback to force these outputs to the desired voltages. The
ADA4937-1 behaves much like a standard voltage feedback op
amp and makes it easier to perform single-ended-to-differential
conversions, common-mode level shifting, and amplifications
of differential signals. Also like an op amp, the ADA4937-1 has
high input impedance and low output impedance.
Two feedback loops are employed to control the differential and
common-mode output voltages. The differential feedback, set
with external resistors, controls only the differential output
voltage. The common-mode feedback controls only the common-
mode output voltage. This architecture makes it easy to set the
output common-mode level to any arbitrary value. It is forced,
by internal common-mode feedback, to be equal to the voltage
applied to the VOCM input, without affecting the differential
output voltage.
The ADA4937-1 architecture results in outputs that are highly
balanced over a wide frequency range without requiring tightly
matched external components. The common-mode feedback
loop forces the signal component of the output common-
mode voltage to zero. This results in nearly perfectly balanced
differential outputs that are identical in amplitude and are
exactly 180° apart in phase.
ANALYZING AN APPLICATION CIRCUIT
The ADA4937-1 uses open-loop gain and negative feedback to
force its differential and common-mode output voltages in such
a way as to minimize the differential and common-mode error
voltages. The differential error voltage is defined as the voltage
between the differential inputs labeled +IN and −IN (see
Figure 46). For most purposes, this voltage can be assumed to
be zero. Similarly, the difference between the actual output
common-mode voltage and the voltage applied to VOCM can also
be assumed to be zero. Starting from these two assumptions,
any application circuit can be analyzed.
SETTING THE CLOSED-LOOP GAIN
The differential-mode gain of the circuit in Figure 46 can be
determined by
G
F
dm
IN
dm
OUT
R
R
V
V
=
,
,
This assumes the input resistors (
RG) and feedback resistors (RF)
on each side are equal.
ESTIMATING THE OUTPUT NOISE VOLTAGE
The differential output noise of the ADA4937-1 can be
estimated using the noise model in Figure 47. The input-
referred noise voltage density, vnIN, is modeled as a differential
input, and the noise currents, inIN− and inIN+, appear between
each input and ground. The noise currents are assumed to be
equal and produce a voltage across the parallel combination of
the gain and feedback resistances. vnCM is the noise voltage
density at the VOCM pin. Each of the four resistors contributes
(4kTRx)1/2. Table 8 summarizes the input noise sources, the
multiplication factors, and the output-referred noise density terms.
ADA4937-1
+
RF2
VnOD
VnCM
VOCM
VnIN
RF1
RG2
RG1
VnRF1
VnRF2
VnRG1
VnRG2
inIN+
inIN–
Figure 47. ADA4937-1 Noise Model
Table 8. Output Noise Voltage Density Calculations
Input Noise Contribution
Input Noise Term
Input Noise
Voltage Density
Output
Multiplication Factor
Output Noise
Voltage Density Term
Differential Input
vnIN
vnIN
GN
vnO1 = GN(vnIN)
Inverting Input
inIN−
inIN− × (RG2||RF2)
GN
vnO2 = GN[inIN− × (RG2||RF2)]
Noninverting Input
inIN+
inIN+ × (RG1||RF1)
GN
vnO3 = GN[inIN+ × (RG1||RF1)]
VOCM Input
vnCM
vnCM
GN(β1 − β2)
vnO4 = GN(β1 − β2)(vnCM)
Gain Resistor RG1
vnRG1
(4kTRG1)1/2
GN(1 − β2)
vnO5 = GN(1 − β2)(4kTRG1)1/2
Gain Resistor RG2
vnRG2
(4kTRG2)1/2
GN(1 − β1)
vnO6 = GN(1 − β1)(4kTRG2)1/2
Feedback Resistor RF1
vnRF1
(4kTRF1)1/2
1
vnO7 = (4kTRF1)1/2
Feedback Resistor RF2
vnRF2
(4kTRF2)1/2
1
vnO8 = (4kTRF2)1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com