Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion, Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADA4937-1
Rev. 0 | Page 12 of 28
–30
–50
–40
–60
–70
–80
–90
–100
–110
–120
1.0
4.0
3.5
3.0
2.5
2.0
1.5
VOCM (V)
HD2, f = 10MHz
HD3, f = 10MHz
HD2, f = 75MHz
HD3, f = 75MHz
Figure 23. Harmonic Distortion vs. VOCM and Frequency
–40
–50
–60
–70
–80
–90
–100
1.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
VOCM (V)
HD2, f = 30MHz
HD3, f = 30MHz
HD2, f = 75MHz
HD3, f = 75MHz
Figure 24. Harmonic Distortion vs. VOCM and Frequency, VS = 3.3 V
–50
–60
–70
–80
–90
–100
–110
–120
–130
110
10
FREQUENCY (MHz)
0
HD2, 1V p-p
HD3, 1V p-p
HD2, 2V p-p
HD3, 2V p-p
Figure 25. Harmonic Distortion vs. Frequency and VOUT, VS = 3.3 V
0
–120
–100
–80
–60
–40
–20
69.4
69.6
70.6
70.4
70.2
70.0
69.8
FREQUENCY (MHz)
Figure 26. 70 MHz Intermodulation Distortion
–30
–70
–60
–50
–40
11
100
10
FREQUENCY (MHz)
k
RL = 200Ω
Figure 27. CMRR vs. Frequency
–10
–60
–70
–60
–30
–20
1
10
100
1000
FREQUENCY (MHz)
RL = 200Ω
Figure 28. Output Balance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com