Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-1YCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4937-1YCPZ-R7
Description  Ultralow Distortion, Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1YCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4937-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4937-1YCPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADA4937-1
Rev. 0 | Page 24 of 28
1.8V
DRVDD
AVDD
VIN–
VIN+
AD9230
AGND
CML
D11 TO
D0
30pF
10pF
56nH
56nH
33Ω
33Ω
50Ω
VIN
226Ω
200Ω
VOCM
3.3V
ADA4937-1
+
59Ω
453Ω
453Ω
Figure 54. ADA4937-1 Driving an AD9230, a 12-Bit, 250 MSPS ADC
3.3 V OPERATION
The ADA4937-1 provides excellent performance in 3.3 V
single-supply applications. Significant power savings can be
realized when the ADA4937-1 is used in combination with a
low voltage ADC.
The circuit in Figure 54 is an example of the ADA4937-1
driving an AD9230, 12-bit, 250 MSPS ADC that is specified to
operate with a single 1.8 V supply. The performance of the
ADC is optimized when it is driven differentially, making the
best use of the signal swing available within the 1.8 V supply.
The ADA4937-1 performs the single-ended-to-differential
conversion, common-mode level-shifting, and buffering of the
driving signal.
The ADA4937-1 is configured with a single 3.3 V supply and a
gain of 2 V/V for a single-ended input to differential output. The
59 Ω termination resistor, in parallel with the single-ended input
impedance of 306 Ω, provides a 50 Ω termination for the source.
The additional 26 Ω (226 Ω total) at the inverting input balances
the parallel impedance of the 50 Ω source and termination
resistor driving the noninverting input.
The signal generator has a symmetric, ground-referenced bipolar
output. The VOCM pin is connected to the CML output of the
AD9230, and sets the output common mode of the ADA4937-1 at
1.4 V. One-third of the output common-mode voltage of the
amplifier is fed back to the summing nodes, biasing –IN and + IN
at ~ 0.5 V. For a common-mode voltage of 1.4 V, each ADA4937-1
output swings between 1.09 V and 1.71 V, providing a 1.25 V p-p
differential output.
A third-order, 125 MHz, low-pass filter between the ADA4937-1
and the AD9230 reduces the noise bandwidth of the amplifier
and isolates the driver outputs from the ADC inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com