Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDFWIFI Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDFWIFI
Description  12V / 24V LED Flex WIFI Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDFWIFI Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDFWIFI Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDFWIFI
DESCRIPTION
12V / 24V LED Flex WIFI Controller
NET WEIGHT (KG)
0.045
FINISH
White
DIMENSIONS (MM)
Length - 95
Height - 24
Width - 44
CONSTRUCTION
Construction - Polycarbonate
CLASS
III
IP RATING
IP20
INPUT VOLTAGE
12/24V
SECONDARY VOLTAGE
12/24V
CONNECTIVITY
Wi-Fi
CABLE LENGTH (M)
0.15
WARRANTY
2year(s)
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270807271
Date Created: 02/05/2024 06:58
www.mlaccessories.co.uk
LEDFWIFI
12V / 24V LED Flex WIFI Controller


Similar Part No. - LEDFWIFI

ManufacturerPart #DatasheetDescription
logo
Broyce Control
LEDF-4-A BROYCECONTROL-LEDF-4-A Datasheet
483Kb / 1P
True Delay Off Timer (Delay On Release)
logo
OSRAM GmbH
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103N OSRAM-LEDFOG103N Datasheet
112Kb / 3P
Additional mounting for LEDriving FOG PL and LEDriving F1
LEDFOG201BK12 OSRAM-LEDFOG201BK12 Datasheet
104Kb / 3P
LED fog light with integrated control
More results

Similar Description - LEDFWIFI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
logo
Lite-On Technology Corp...
HA-1400-12 LITEON-HA-1400-12 Datasheet
307Kb / 3P
Industrial Adapter 12V & 24V Series
HA-1600-12 LITEON-HA-1600-12 Datasheet
310Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1181-28E LITEON-PA-1181-28E Datasheet
336Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1331-92E LITEON-PA-1331-92E Datasheet
381Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1900-88V LITEON-PA-1900-88V Datasheet
324Kb / 3P
Industrial Adapter 12V & 24V Series
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com