Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56366 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-4
Freescale Semiconductor
3.5
AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum
of 0.3 V and a VIH minimum of 2.4 V for all pins except EXTAL, which is tested using the input levels
shown in Note 3 of the previous table. AC timing specifications, which are referenced to a device input
signal, are measured in production with respect to the 50% point of the respective input signal’s transition.
DSP56366 output levels are measured with the production test machine VOL and VOH reference levels set
at 0.4 V and 2.4 V, respectively.
NOTE
Although the minimum value for the frequency of EXTAL is 0 MHz, the
device AC test conditions are 15 MHz and rated speed.
3.6
Internal Clocks
6
Appendix A, "Power Consumption Benchmark" provides a formula to compute the estimated current requirements
in Normal mode. In order to obtain these results, all inputs must be terminated (i.e., not allowed to float). Measurements are
based on synthetic intensive DSP benchmarks. The power consumption numbers in this specification are 90% of the
measured results of this benchmark. This reflects typical DSP applications. Typical internal supply current is measured with
VCC = 3.3 V at
TJ = 110°C. Maximum internal supply current is measured with VCC = 3.46 V at TJ = 110°C.
7 In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be terminated (i.e., not allowed to
float).
Table 3-4 Internal Clocks
Characteristics
Symbol
Expression1, 2
Min
Typ
Max
Internal operation frequency with PLL
enabled
f—
(Ef
× MF)/(PDF × DF)
—
Internal operation frequency with PLL
disabled
f—
Ef/2
—
Internal clock high period
• With PLL disabled
• With PLL enabled and MF
≤ 4
• With PLL enabled and MF > 4
TH
—
0.49
× ET
C × PDF ×
DF/MF
0.47
× ET
C × PDF ×
DF/MF
ETC
—
—
—
0.51
× ET
C × PDF ×
DF/MF
0.53
× ET
C × PDF ×
DF/MF
Internal clock low period
• With PLL disabled
• With PLL enabled and MF
≤ 4
• With PLL enabled and MF > 4
TL
—
0.49
× ET
C × PDF ×
DF/MF
0.47
× ET
C × PDF ×
DF/MF
ETC
—
—
—
0.51
× ET
C × PDF ×
DF/MF
0.53
× ET
C × PDF ×
DF/MF
Internal clock cycle time with PLL
enabled
TC
—ETC × PDF × DF/MF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com