Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button DSP56366 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-51
186 First SCL sampling edge to HREQ output
deassertion
TNG;RQO
ns
Filters bypassed
2
× T
C + 30
—
46.7
—
46.7
Narrow filters enabled
2
× T
C + 120
—
136.7
—
136.7
Wide filters enabled
2
× T
C + 208
—
224.7
—
224.7
187 Last SCL edge to HREQ output not
deasserted
TAS;RQO
ns
Filters bypassed
2
× T
C + 30
46.7
—
46.7
—
Narrow filters enabled
2
× T
C + 80
96.7
—
96.7
—
Wide filters enabled
2
× T
C + 135
151.6
—
151.6
—
188 HREQ in assertion to first SCL edge
TAS;RQI
0.5
× T
I2CCP -
0.5
× T
C - 21
ns
Filters bypassed
4440
—
1041
—
Narrow filters enabled
4373
—
999
—
Wide filters enabled
4373
—
958
—
189 First SCL edge to HREQ in not asserted
(HREQ in hold time)
tHO;RQI
0.0
—
0.0
—
ns
1 V
CC = 3.16 V ± 0.16 V; TJ = –40°C to +110°C
2 Pull-up resistor: R
P (min) = 1.5 kOhm
3 Capacitive load: C
b (max) = 400 pF
4 It is recommended to enable the wide filters when operating in the I2C Standard Mode.
5 It is recommended to enable the narrow filters when operating in the I2C Fast Mode.
Table 3-20 SHI I2C Protocol Timing (continued)
No.
Characteristics1,2,3
Symbol/
Expression
Standard
Mode4
Fast Mode5
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com