Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button DSP56366 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-22
Freescale Semiconductor
140
Column address valid to CAS assertion
tASC
TC − 4.0
4.3
—
ns
141
CAS assertion to column address not valid
tCAH
3.5
× T
C − 4.0
25.2
—
ns
142
Last column address valid to RAS deassertion
tRAL
5
× T
C − 4.0
37.7
—
ns
143
WR deassertion to CAS assertion
tRCS
1.25
× T
C − 4.0
6.4
—
ns
144
CAS deassertion to WR assertion
tRCH
1.25
× T
C − 4.0
6.4
—
ns
145
CAS assertion to WR deassertion
tWCH
3.25
× T
C − 4.2
22.9
—
ns
146
WR assertion pulse width
tWP
4.5
× T
C − 4.5
33.0
—
ns
147
Last WR assertion to RAS deassertion
tRWL
4.75
× T
C − 4.3
35.3
—
ns
148
WR assertion to CAS deassertion
tCWL
3.75
× T
C − 4.3
26.9
—
ns
149
Data valid to CAS assertion (write)
tDS
0.5
× T
C − 4.0
0.2
—
ns
150
CAS assertion to data not valid (write)
tDH
3.5
× T
C − 4.0
25.2
—
ns
151
WR assertion to CAS assertion
tWCS
1.25
× T
C − 4.3
6.1
—
ns
152
Last RD assertion to RAS deassertion
tROH
4.5
× T
C − 4.0
33.5
—
ns
153
RD assertion to data valid
tGA
3.25
× T
C − 7.0
—
20.1
ns
154
RD deassertion to data not valid6
tGZ
0.0
—
ns
155
WR assertion to data active
0.75
× T
C − 0.3
5.9
—
ns
156
WR deassertion to data high impedance
0.25
× T
C
—2.1
ns
1 The number of wait states for Page mode access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 The asynchronous delays specified in the expressions are valid for DSP56366.
4 All the timings are calculated for the worst case. Some of the timings are better for specific cases (e.g., t
PC equals 3 × TC for
read-after-read or write-after-write sequences).
5 BRW[1:0] (DRAM control register bits) defines the number of wait states that should be inserted in each DRAM out-of-page
access.
6 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
Table 3-12
DRAM Page Mode Timings, Four Wait States1, 2, 3 (continued)
No.
Characteristics
Symbol
Expression4
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com