Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button DSP56366 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-44
Freescale Semiconductor
143
Serial clock low period
Master
Bypassed
0.5
×t
SPICC –10
38
—
ns
Narrow
0.5
×t
SPICC –10
91
—
ns
Wide
0.5
×t
SPICC –10
126.5
—
ns
Slave
Bypassed
2.5
×T
C+12
32.8
—
ns
Narrow
2.5
×T
C+102
122.8
—
ns
Wide
2.5
×T
C+189
209.8
—
ns
144
Serial clock rise/fall time
Master
—
—
—
10
ns
Slave
—
—
—
2000
ns
146
SS assertion to first SCK edge
CPHA = 0
Slave
Bypassed
3.5
×T
C+15
44.2
—
ns
Narrow
0
0
—
ns
Wide
0
0
—
ns
CPHA = 1
Slave
Bypassed
10
10
—
ns
Narrow
0
0
—
ns
Wide
0
0
—
ns
147
Last SCK edge to SS not asserted
Slave
Bypassed
12
12
—
ns
Narrow
102
102
—
ns
Wide
189
189
—
ns
148
Data input valid to SCK edge (data input
set-up time)
Master/Slave
Bypassed
0
0
—
ns
Narrow
MAX{(20-TC), 0}
11.7
—
ns
Wide
MAX{(40-TC), 0}
31.7
—
ns
149
SCK last sampling edge to data input not
valid
Master/Slave
Bypassed
2.5
×T
C+10
30.8
—
ns
Narrow
2.5
×T
C+30
50.8
—
ns
Wide
2.5
×T
C+50
70.8
—
ns
150
SS assertion to data out active
Slave
—
2
2
—
ns
151
SS deassertion to data high impedance2
Slave
—
9
—
9
ns
Table 3-19 Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics1
Mode
Filter
Mode
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com