Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56366 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-9
2.7
Parallel Host Interface (HDI08)
The HDI08 provides a fast, 8-bit, parallel data port that may be connected directly to the host bus. The
HDI08 supports a variety of standard buses and can be directly connected to a number of industry standard
microcomputers, microprocessors, DSPs, and DMA hardware.
Table 2-9 Host Interface
Signal Name
Type
State during
Reset
Signal Description
H0–H7
Input/
output
GPIO
disconnected
Host Data—When HDI08 is programmed to interface a nonmultiplexed host
bus and the HI function is selected, these signals are lines 0–7 of the
bidirectional, tri-state data bus.
HAD0–HAD7
Input/
output
GPIO
disconnected
Host Address/Data—When HDI08 is programmed to interface a
multiplexed host bus and the HI function is selected, these signals are lines
0–7 of the address/data bidirectional, multiplexed, tri-state bus.
PB0–PB7
Input, output, or
disconnected
GPIO
disconnected
Port B 0–7—When the HDI08 is configured as GPIO, these signals are
individually programmable as input, output, or internally disconnected.
The default state after reset for these signals is GPIO disconnected.
These inputs are 5 V tolerant.
HA0
Input
GPIO
disconnected
Host Address Input 0—When the HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, this signal is line 0
of the host address input bus.
HAS/HAS
Input
GPIO
disconnected
Host Address Strobe—When HDI08 is programmed to interface a
multiplexed host bus and the HI function is selected, this signal is the host
address strobe (HAS) Schmitt-trigger input. The polarity of the address
strobe is programmable, but is configured active-low (HAS) following reset.
PB8
Input, output, or
disconnected
GPIO
disconnected
Port B 8—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HA1
Input
GPIO
disconnected
Host Address Input 1—When the HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, this signal is line 1
of the host address (HA1) input bus.
HA8
Input
GPIO
disconnected
Host Address 8—When HDI08 is programmed to interface a multiplexed
host bus and the HI function is selected, this signal is line 8 of the host
address (HA8) input bus.
PB9
Input, output, or
disconnected
GPIO
disconnected
Port B 9—When the HDI08 is configured as GPIO, this signal is individually
programmed as input, output, or internally disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com