Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button DSP56366 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-28
Freescale Semiconductor
169 CAS deassertion to RAS assertion
tCRP
4.25
× T
C − 4.0
59.8
—
49.1
—
ns
170 CAS deassertion pulse width
tCP
2.75
× T
C − 4.0
37.7
—
30.4
—
ns
171 Row address valid to RAS assertion
tASR
3.25
× T
C − 4.0
45.2
—
36.6
—
ns
172 RAS assertion to row address not valid
tRAH
1.75
× T
C − 4.0
22.5
—
17.9
—
ns
173 Column address valid to CAS assertion
tASC
0.75
× T
C − 4.0
7.4
—
5.4
—
ns
174 CAS assertion to column address not valid
tCAH
3.25
× T
C − 4.0
45.2
—
36.6
—
ns
175 RAS assertion to column address not valid
tAR
5.75
× T
C − 4.0
83.1
—
67.9
—
ns
176 Column address valid to RAS deassertion
tRAL
4
× T
C − 4.0
56.6
—
46.0
—
ns
177 WR deassertion to CAS assertion
tRCS
2
× T
C − 3.8
26.5
—
21.2
—
ns
178 CAS deassertion to WR5 assertion
tRCH
1.25
× T
C − 3.7
15.2
—
11.9
—
ns
179 RAS deassertion to WR5 assertion
tRRH
0.25
× T
C − 3.7
0.25
× T
C − 3.0
0.1
—
—
—
—
0.1
—
—
ns
180 CAS assertion to WR deassertion
tWCH
3
× T
C − 4.2
41.3
—
33.3
—
ns
181 RAS assertion to WR deassertion
tWCR
5.5
× T
C − 4.2
79.1
—
64.6
—
ns
182 WR assertion pulse width
tWP
8.5
× T
C − 4.5
124.3
—
101.8
—
ns
183 WR assertion to RAS deassertion
tRWL
8.75
× T
C − 4.3
128.3
—
105.1
—
ns
184 WR assertion to CAS deassertion
tCWL
7.75
× T
C − 4.3
113.1
—
92.6
—
ns
185 Data valid to CAS assertion (write)
tDS
4.75
× T
C − 4.0
68.0
—
55.4
—
ns
186 CAS assertion to data not valid (write)
tDH
3.25
× T
C − 4.0
45.2
—
36.6
—
ns
187 RAS assertion to data not valid (write)
tDHR
5.75
× T
C − 4.0
83.1
—
67.9
—
ns
188 WR assertion to CAS assertion
tWCS
5.5
× T
C − 4.3
79.0
—
64.5
—
ns
189 CAS assertion to RAS assertion (refresh)
tCSR
1.5
× T
C − 4.0
18.7
—
14.8
—
ns
190 RAS deassertion to CAS assertion (refresh)
tRPC
1.75
× T
C − 4.0
22.5
—
17.9
—
ns
191 RD assertion to RAS deassertion
tROH
8.5
× T
C − 4.0
124.8
—
102.3
—
ns
192 RD assertion to data valid
tGA
7.5
× T
C − 7.5
7.5
× T
C − 6.5
—
—
106.1
—
—
—
—
87.3
ns
Table 3-14 DRAM Out-of-Page and Refresh Timings, Eight Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression4
66 MHz
80 MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com