Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7121 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 28Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 29Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 30Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 31Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 32Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 33Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 34Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 35Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
32
3.12 FlexCAN Interface
3.13 Common Flash Module
NOTE
Unless otherwise noted the abbreviation NVM (Non-Volatile Memory) is
used for both program Flash and data Flash.
The time base for all program and data Flash operations, fNVMOP, is derived from the IPS bus clock, fIPS,
using the CFMCLKD register to control the divider ratio. Throughout this section, tIPS refers to 1 ÷ fIPS,
and tNVMOP refers to 1 ÷ fNVMOP. An fNVMOP frequency range limit is imposed for performing program
or erase operations. The CFM does not monitor the frequency and will not prevent program or erase
operation at frequencies above or below the following limits:
Eqn. 19
fNVMOP = 200 KHz gives the fastest program and erase performance. Setting CFMCLKD to a value such
that fNVMOP < 150 KHz should be avoided, as this can damage the Flash memory due to overstress. Setting
CFMCLKD to a value such that fNVMOP > 200 KHz can result in incomplete programming or erasure of
the Flash memory array cells.
3.13.1 Mass Erase Timing
The time required to erase the entire NVM array (both program and data) is calculated using the formula:
Eqn. 20
The setup time can be ignored for this operation.
3.13.2 Blank Check Timing
The time it takes to perform a blank check on the program or data Flash is dependant on the location of the
first non-blank word, starting from relative address zero. One fIPS cycle is required per word to be verified,
and the time required for the operation is calculated using the formula:
Eqn. 21
Table 34. FlexCAN Wake-up Pulse Characteristics
Conditions are shown in Table 7 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
W1
P FlexCAN Wake-up dominant pulse filtered
tWUP
——
2
μs
W2
P FlexCAN Wake-up dominant pulse passed
tWUP
5—
—
μs
150 KHz
fNVMOP 200 KHz
≤
<
t
mass ≈ 20000
t
NVMOP
⋅
t
check
locations
15
+
() t
IPS
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com