Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7121 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 2Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 3Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 4Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 5Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 6Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 9Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
6
3.4
Operating Conditions
Unless otherwise noted, the following conditions apply to all parametric data. Refer to the temperature
rating of the device (C, V, M) with respect to ambient temperature (TA) and junction temperature (TJ). For
power dissipation calculations refer to Section 3.6, “Power Dissipation and Thermal Characteristics.”
3.4.1
Input/Output Pins
The I/O pins operate at a nominal level of 3.3 V to 5 V. This class of pins is comprised of the clocks, control
and general purpose/peripheral pins. The internal structure of these pins is identical; however, some
functionality may be disabled (for example, for analog inputs the output drivers, pull-up/down resistors
are permanently disabled).
Table 6. ESD and Latch-Up Protection Characteristics
Num
C
Rating
Symbol
Min
Max
Unit
B1
C Human Body Model (HBM)
VHBM
2000
—
V
B2
C Machine Model (MM)
VMM
200
—
V
B3
C Charge Device Model (CDM)
VCDM
500
—
V
B4
C Latch-up Current at TA = 125°C
positive
negative
ILAT
+100
–100
—
mA
B5
C Latch-up Current at TA = 27°C
positive
negative
ILAT
+200
–200
—mA
Table 7. MAC7100 Family Device Operating Conditions
Num
Rating
Symbol
Min
Typ
Max
Unit
C1
I/O Drivers Supply Voltage
VDDX3.15
5
5.5
V
C2
Digital Logic Supply Voltage 1
NOTES:
1. These ratings apply only when the VREG is disabled and the device is powered from an external source.
VDD2.5
2.35
2.5
2.75
V
C3
PLL Supply Voltage 1
VDDPLL
2.35
2.5
2.75
V
C4
Analog Supply Voltage
VDDA3.15
5
5.5
V
C5
Voltage Difference VDDX to VDDA
Δ
VDDX
–0.1
0
0.1
V
C6
Voltage Difference VSSX to VSSA
Δ
VSSX
–0.1
0
0.1
V
C7
Oscillator Frequency
fOSC
2
2. Throughout this document, tOSC refers to 1 ÷ fOSC, and tSYS refers to 1 ÷ fSYS.
0.5
—
16
MHz
C8
System Clock Frequency
fSYS
2
0.5
—
50
MHz
C9a MAC71xxC
Operating Junction Temperature Range 3
3. Refer to Section 3.6, “Power Dissipation and Thermal Characteristics,” for more details about the relation between
ambient temperature TA and device junction temperature TJ.
T
J
–40
—
110
°C
C9b
Operating Ambient Temperature Range 3
T
A
–40
25
85
°C
C10a MAC71xxV
Operating Junction Temperature Range 3
T
J
–40
—
130
°C
C10b
Operating Ambient Temperature Range 3
T
A
–4025105
°C
C11a MAC71xxM
Operating Junction Temperature Range 3
T
J
–40
—
150
°C
C11b
Operating Ambient Temperature Range 3
T
A
–4025125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com