Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7121 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PAC7121 Datasheet HTML 1Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 2Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 3Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 4Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 5Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 6Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
4
3
Electrical Characteristics
This section contains electrical information for MAC7100 Family microcontrollers. The information is
preliminary and subject to change without notice.
MAC7100 Family devices are specified and tested over the 5 V and 3.3 V ranges. For operation at any
voltage within that range, the 3.3 V specifications generally apply. However, no production testing is done
to verify operation at intermediate supply voltage levels.
3.1
Parameter Classification
The electrical parameters shown in this appendix are derived by various methods. To provide a better
understanding to the designer, the following classification is used. Parameters are tagged accordingly in
the column labeled “C” of the parametric tables, as appropriate.
3.2
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. Functional operation outside these maximums is not
guaranteed. Stress beyond these limits may affect reliability or cause permanent damage to the device.
MAC7100 Family devices contain circuitry protecting against damage due to high static voltage or electrical
fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs
are tied to an appropriate logic voltage level (for example, either VSS5
1 or V
DD5
1).
Table 3. Parametric Value Classification
P
Parameters guaranteed during production testing on each individual device.
C
Parameters derived by the design characterization and by measuring a statistically relevant sample size across
process variations.
T
Parameters derived by design characterization on a small sample size from typical devices under typical conditions
(unless otherwise noted). All values shown in the typical column are within this classification, even if not so tagged.
D
Parameters derived mainly from simulations.
1. Refer to Section 3.7, “Power Supply,” for definition of VSS5 and VDD5.
Table 4. Absolute Maximum Ratings
Num
Rating
Symbol
Min
Max
Unit
A1a
I/O Drivers Supply Voltage
VDDX–0.3
+6.0
V
A2
Digital Logic Supply Voltage 1
VDD2.5
–0.3
+3.0
V
A3
PLL Supply Voltage 1
VDDPLL
–0.3
+3.0
V
A4
Analog Supply Voltage
VDDA–0.3
+6.0
V
A5
Analog Reference
VRH, VRL
–0.3
+6.0
V
A6
Voltage difference VDDX to VDDA
Δ
VDDX
–0.3
+0.3
V
A7
Voltage difference VSSX to VSSA
Δ
VSSX
–0.3
+0.3
V
A8
Voltage difference VRH – VRL
VRH – VRL
–0.3
+6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com