Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7121 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 9Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 10Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 11Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 12Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 13Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 14Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 15Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
12
Table 15. MAC71x1/6 1 Device Supply Current Characteristics – 40 MHz
NOTES:
1. MAC71x2 characteristics are to be determined (TBD).
Conditions shown in Table 7, with fSYS = 40 MHz.
Num
C
Rating
Symbol
Typ
Max
Unit
F1
P Run Supply Current, Single Chip
IDDRreg
100
130
mA
F2
C Doze Supply Current
IDDDreg
Run
≥ Doze ≥ Pseudo Stop
F3
P Pseudo Stop Supply Current
(OSC on)
–40
° C 2
2. 85
°C, 105°C, and 125°C refer to the "C", "V", and "M" Temperature Options, respectively.
IDDPSreg
400 / 500 3
3. RTI disabled / enabled.
600 / 700 3
μA
P25
° C 2
400 / 500 3
600 / 700 3
μA
C85
° C 2
800 / 1000 3
2000 / 2500 3
μA
C105
° C 2
1200 / 1500 3
3500 / 4000 3
μA
P125
° C 2
1500 / 2000 3
5500 / 6000 3
μA
F4
P Stop Supply Current
(TJ = TA assumed)
–40
° C 2
IDDSreg
30
150
μA
P25
° C 2
30
150
μA
C85
° C 2
330
2500
μA
C105
° C 2
470
3500
μA
P125
° C 2
660
5000
μA
Table 16. MAC71x1/6 1 Device Supply Current Characteristics – 50 MHz
NOTES:
1. MAC71x2 characteristics are to be determined (TBD).
Conditions shown in Table 7, with fSYS = 50 MHz.
Num
C
Rating
Symbol
Typ
Max
Unit
G1
P Run Supply Current, Single Chip
IDDRreg
120
150
mA
G2
C Doze Supply Current
IDDDreg
Run
≥ Doze ≥ Pseudo Stop
G3
P Pseudo Stop Supply Current
(OSC on)
–40
° C 2
2. 85
°C, 105°C, and 125°C refer to the "C", "V", and "M" Temperature Options, respectively.
IDDPSreg
400 / 500 3
3. RTI disabled / enabled.
600 / 700 3
μA
P25
° C 2
400 / 500 3
600 / 700 3
μA
C85
° C 2
800 / 1000 3
2000 / 2500 3
μA
C105
° C 2
1200 / 1500 3
3500 / 4000 3
μA
P125
° C 2
1500 / 2000 3
5500 / 6000 3
μA
G4
P Stop Supply Current
(TJ = TA assumed)
–40
° C 2
IDDSreg
30
150
μA
P25
° C 2
30
150
μA
C85
° C 2
330
2500
μA
C105
° C 2
470
3500
μA
P125
° C 2
660
5000
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com